Part Number Hot Search : 
93100 OF27GJE 493968 PCIB40 43650 RB1212 65PQ015 TC8835AN
Product Description
Full Text Search
 

To Download SVHD21V475M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1990 (1996) data sheet tantalum capacitor document no. ec0064ej2v1ds00 (2nd edition) date published july 2000 p cp(k) printed in japan sv/h series surface mount resin molded tantalum chip capacitors high reliability necs sv/h series solid tantalum capacitor has developed for automotive application. comparing to the former type (r series), the higher reliability and the higher performance have been built in the same chip size with the necs original technologies. features the sv/h series has the highest level of reliability and performance in the tantalum chip capacitors as shown below. ? damp heat (steady state) : 85 c, 85% rh 1000 hours ? rapid change of temperature: C55 c to +125 c, 1000 cycles ? resistance to soldering : 260 c, 10 sec (fully immersed to solder) ? failure rate : 0.5%/1000 hours (at 85 c, rated voltage applied) applications ? automotive electronics ? other electronic equipment which requires high reliability and performance. dimensions zz h w 2 lw 1 h lw 1 w 2 z z h lw 1 y zz w 2 [ a case ][ b2 case ][ c, d2 case ] (unit: mm) case code l w 1 w 2 hzy a 3.2 0.2 1.6 0.2 1.2 0.1 1.6 0.2 0.8 0.3 C b2 3.5 0.2 2.8 0.2 2.3 0.1 1.9 0.2 0.8 0.3 C c 6.0 0.3 3.2 0.3 1.8 0.1 2.5 0.3 1.3 0.3 0.4c d2 5.8 0.3 4.6 0.3 2.4 0.1 3.2 0.3 1.3 0.3 C the information in this document is subject to change without notice.
2 sv/h series marking - upper face - c105 1 35n 10 16n polarity (anode) [a case] [b2 case] capacitance ( f) rated voltage m polarity (anode) production date code rated voltage (v) polarity (anode) capacitance ( f) m 6.8 35n [c case] [d2 case] capacitance ( f) m polarity (anode) production date code rated voltage (v) production date code rated volta g e ( v ) capacitance code (pf) rated voltage code [a:10 v, c:16 v, d:20 v, e:25 v, v:35 v] - bottom face - (for a case sizes) n production date code [marking of production date code] m jan. feb. mar. apr. may jun. jul. aug. sept. oct. nov. dec. y 1995 a b c d e f g h j k l m 1996 n p q r s t u v w x y z 1997 a b c d e f g h j k l m 1998 n p q r s t u v w x y z data code will resume beginning in 1999.
3 sv/h series product line up and case code u r (vdc) 10 v 16 v 20 v 25 v 35 v capacitance ( m f) 0.1 a 0.15 a 0.22 a 0.33 a 0.47 a b2 0.68 a b2 1ab2 1.5 a b2 c 2.2 a b2 c 3.3 b2 c 4.7 b2 c d2 6.8 c d2 10 c d2 15 c d2 22 d2 33 d2 u r : rated voltage part number system - bulk C svh b2 1v 105 m capacitance tolerance m : 20 % k : 10 % capacitance code in pf: first two digits represent significant figures. third digit specifies number of zeros to follow. (105: 1 m f) rated voltage (1a: 10 v, 1c: 16 v, 1d: 20 v, 1e: 25 v, 1v: 35 v) case code series name - tape and reel - te svh b2 1v 105m 8 r packing orientation r : negative terminal on sprocket hole side l : positive terminal on sprocket hole side tape width 8 mm for a, b2 case 12 mm for c, d2 case same as bulk part tape and reel t t
4 sv/h series performance no. items specifications 1 operating temp. range C55 to +125 c 2 rated voltage 10 16 20 25 35 vdc 3 surge voltage 13 20 26 33 46 vdc 4 derated voltage 6.3 10 13 16 22 vdc 5 capacitance range 0.1 to 33 m f 6 capacitance tolerance 20%, 10% 7 leakage current 0.01cv ( m a) or 0.5 ( m a) whichever is greater 8 tangent of loss angle 0.1 to 4.7 m f: 0.04 max. 6.8 to 33 m f : 0.06 max. 9 surge voltage d c/c : 5% tangent of loss angle: initial requirement leakage current : initial requirement 10 charac- temp. C55 c +85 c +125 c teristics d c/c 0 % +12 % +15 % at high C12 0 0 and low tangent of 0.1 to 4.7 m f: 0.08 max. initial 0.1 to 4.7 m f: 0.06 max. temperature loss angle 6.8 to 33 m f : 0.10 max. requirement 6.8 to 33 m f : 0.08 max. leakge 0.1 cv or 5 m a 0.125 cv or 6.25 m a current max. max. 11 rapid change of d c/c : 10% temperature tangent of loss angle: initial requirement leakage current : initial requirement 12 resistance to d c/c : 5% soldering tangent of loss angle: initial requirement leakage current : initial requirement 13 damp heat d c/c : 10% (steady state) tangent of loss angle: 150% of initial requirement leakage current : initial requirement 14 terminal strength there shall be no loosening or permanent damage 15 endurance (1) d c/c : 10% tangent of loss angle: initial requirement leakage current : 125% of initial requirement 16 endurance (2) d c/c : 10% tangent of loss angle: initial requirement leakage current : 125% of initial requirement 17 failure rate 0.5%/1000 h test conditions applied voltage shall be derated over +85 c at 85 c at 125 c at 120 hz rated voltage applied after 5 minutes. at 120 hz at 85 c, rs = 1 k w 1000 cycles iec68-2-14 test n and iec68-22-33 guidance C55 c to +125 c, 1000 cycles iec68-2-58 test td fully immersion to solder 260 c, 10 sec iec68-2-3 test ca at 85 c, 85% rh, 1000 h pull of 5n in an axial direction at 85 c, rated voltage applied 2000 h at 125 c, derated voltage applied 2000 h each condition of no. 15 and no. 16 above
5 sv/h series standard ratings rated capacitance tangent of leakage case voltage ( m f) loss angle current code part number (vdc) ( m a) 2.2 0.04 0.5 a svha1a225m 10 4.7 0.04 0.5 b2 svhb21a475m 15 0.06 1.5 c svhc1a156m 33 0.06 3.3 d2 svhd21a336m 1 0.04 0.5 a svha1c105m 1.5 0.04 0.5 a svha1c155m 16 3.3 0.04 0.5 b2 svhb21c335m 10 0.06 1.6 c svhc1c106m 22 0.06 3.5 d2 svhd21c226m 0.68 0.04 0.5 a svha1d684m 20 2.2 0.04 0.5 b2 svhb21d225m 6.8 0.06 1.4 c svhc1d685m 15 0.06 3.0 d2 svhd21d156m 0.47 0.04 0.5 a svha1e474m 25 1.5 0.04 0.5 b2 svhb21e155m 4.7 0.04 1.1 c svhc1e475m 10 0.06 2.5 d2 svhd21e106m 0.1 0.04 0.5 a svha1v104m 0.15 0.04 0.5 a svha1v154m 0.22 0.04 0.5 a svha1v224m 0.33 0.04 0.5 a svha1v334m 0.47 0.04 0.5 b2 svhb21v474m 35 0.68 0.04 0.5 b2 svhb21v684m 1 0.04 0.5 b2 svhb21v105m 1.5 0.04 0.5 c svhc1v155m 2.2 0.04 0.7 c svhc1v225m 3.3 0.04 1.2 c svhc1v335m 4.7 0.04 1.6 d2 SVHD21V475M 6.8 0.06 2.3 d2 svhd21v685m
6 sv/h series tape and reel specification carrier tape dimensions and packaging quantity a 0 b 0 p p 0 p 2 f e w direction of feed sprocket hole d embossed cavity t k (unit: mm) case code a 0 0.2 b 0 0.2 w 0.3 f 0.05 e 0.1 p 0.1 p 2 0.05 a 1.9 3.5 8.0 3.5 1.75 4.0 2.0 b2 3.3 3.8 8.0 3.5 1.75 4.0 2.0 c 3.7 6.4 12.0 5.5 1.75 8.0 2.0 d2 5.1 6.2 12.0 5.5 1.75 8.0 2.0 case code p 0 0.1 d +0.1 k 0.2 t qty/reel `0 a 4.0 f 1.5 1.9 0.2 2 000 b2 4.0 f 1.5 2.1 0.2 2 000 c 4.0 f 1.5 3.0 0.3 500 d2 4.0 f 1.5 3.6 0.4 500 reel dimensions c e d r w 2 w 1 n a tape width (unit: mm) tape width a n c d e w 1 w 2 r 8 f 178 2.0 f 50 min. f 13 0.5 f 21 0.5 2.0 0.5 10.0 1.0 14.5 max. 1 12 f 178 2.0 f 50 min. f 13 0.5 f 21 0.5 2.0 0.5 14.5 1.0 18.5 max. 1
7 sv/h series characteristics data rapid change of temperature (e55 c to +125 c, n = 50) 6 4 2 0 d c/c (%) ? ? ? 0.08 0.06 0.04 0.02 tangent of loss angle 0.1 0.01 0.001 initial 500 cycles 10 v/2.2 f m 1000 cycles leakage current ( a) m 0 6 4 2 0 d c/c (%) ? ? ? 0.08 0.06 0.04 0.02 tangent of loss angle 0.1 0.01 0.001 initial 500 cycles 35 v/0.33 f m 1000 cycles leakage current ( a) m 0
8 sv/h series rapid change of temperature (e55 c to +125 c, n = 50) 6 4 2 0 d c/c (%) ? ? ? 0.08 0.06 0.04 0.02 tangent of loss angle 0.1 0.01 0.001 initial 500 cycles 10 v/33 f m 1000 cycles leakage current ( a) m 0 6 4 2 0 d c/c (%) ? ? ? 0.08 0.06 0.04 0.02 tangent of loss angle 0.1 0.01 0.001 initial 500 cycles 35 v/6.8 f m 1000 cycles leakage current ( a) m 0
9 sv/h series damp heat (steady state) (85 c, 85% rh, n = 50) 6 4 2 0 d c/c (%) ? ? ? 0.08 0.06 0.04 0.02 tangent of loss angle 0.1 0.01 0.001 initial 500 h 10 v/2.2 f m 1000 h leakage current ( a) m 0 6 4 2 0 d c/c (%) ? ? ? 0.08 0.06 0.04 0.02 tangent of loss angle 0.1 0.01 0.001 initial 500 h 35 v/0.33 f m 1000 h leakage current ( a) m 0
10 sv/h series damp heat (steady state) (85 c, 85% rh, n = 50) 6 4 2 0 d c/c (%) ? ? ? 0.08 0.06 0.04 0.02 tangent of loss angle 0.1 0.01 0.001 initial 500 h 10 v/33 f m 1000 h leakage current ( a) m 0 6 4 2 0 d c/c (%) ? ? ? 0.08 0.06 0.04 0.02 tangent of loss angle 0.1 0.01 0.001 initial 500 h 35 v/6.8 f m 1000 h leakage current ( a) m 0
11 sv/h series endurance (85 c, u r 1.3 applied, n = 50) (reference data) 6 4 2 0 d c/c (%) ? ? ? 0.08 0.06 0.04 0.02 tangent of loss angle 0.1 0.01 0.001 initial 500 h 10 v/2.2 f m 1000 h leakage current ( a) m 0 6 4 2 0 d c/c (%) ? ? ? 0.08 0.06 0.04 0.02 tangent of loss angle 0.1 0.01 0.001 initial 500 h 35 v/0.33 f m 1000 h leakage current ( a) m 0
12 sv/h series endurance (85 c, u r 1.3 applied, n = 50) (reference data) 6 4 2 0 d c/c (%) ? ? ? 0.08 0.06 0.04 0.02 tangent of loss angle 0.1 0.01 0.001 initial 500 h 10 v/33 f m 1000 h leakage current ( a) m 0 6 4 2 0 d c/c (%) ? ? ? 0.08 0.06 0.04 0.02 tangent of loss angle 0.1 0.01 0.001 initial 500 h 35 v/6.8 f m 1000 h leakage current ( a) m 0
13 sv/h series frequency characteristic (reference data) 100 35 v/0.33 f m 35 v/1 f m 16 v/22 f m 10 v/33 f m 10 1 0.1 1 k 10 k 100 k frequency (hz) 1 m 10 m 40 m |z| ( w )
14 sv/h series guide to applications for tantalum chip capacitors the failure of the solid tantalum capacitor is mostly classified into a short-circuiting mode and a large leakage current mode. refer to the following for reliable circuit design. 1. field failure rate sv/h series tantalum chip capacitors are typically applied to decoupling, blocking, by-passing and filtering. the sv/h series has a very low failure rate in the field. for example, the maximum field failure rate of an sv/h series capacitor with a dc working voltage of 16 v is 0.0002 %/1000 hour (2 fit) at an applied voltage of 5 v, operating temperature of 25 c and series resistance of 3 w . the maximum failure rate in the field is estimated by following expression: ll = ? ? ? ? - ? ? ? ? 0 0 3 10 2 0 v v tt l : maximum field failure rate l 0 : 0.5%/1000 hour (the failure rate of the sv/h series at the full rated dc working voltage at operating temperature of 85 c and series resistance of 3 w .) v : applied voltage in actual use v 0 : rated dc working voltage t : operating temperature in actual use t 0 :85 c the nomograph is provided for quick estima- tion of maximum field failure rates. connect operating temperature t and ap- plied voltage ratio v/v 0 of interest with a straight line. the failure rate multiplier f is given at the intersection of this line with the model scale. the failure rate is obtained as l = l 0 f. examples: given v/v 0 = 0.4 and t = 45 c, read f = 4 10 C3 . hence, l = 0.002%/1000 hour (20 fit). given v/v 0 = 0.3 and t = 25 c, read f = 4 10 C4 . hence, l = 0.0002%/1000 hour (2 fit). 120 110 100 90 80 operating temperature t (?c) failure rate multiplier f applied voltage ratio v/v 0 70 60 50 40 30 20 10 ? 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 2 4 7 10 ? 2 4 7 10 ? 2 4 7 10 ? 2 4 7 10 ? 2 4 7 10 0 2 4 7 10 1 2 4 7 10 2
15 sv/h series 2. series resistance as shown in figure 1, reliability is increased by inserting a series resistance of at least 3 w /v into circuits where current flow is momentary (switching circuits, charge/discharge circuits, etc.). if the capacitor is in a low-impedance circuit, the voltage applied to the capacitor should be less than 1/2 to 1/3 of the rated dc working voltage. 10 1 magnification of failure 0.1 0.1 1 series resistance ( w /v) 10 100 figure 1. effects of series resistance 3. ripple voltage the sum of dc voltage and peak ripple voltage should not exceed the rated dc working voltage of the capacitor. figure 2. permissible ripple voltage vs. frequency figure 2 is based on an ambient temperature of 25 c. for higher temperature, permissible ripple voltage shall be derated as follows. permissible voltage @ 50 c = 0.7 permissible voltage @25 c permissible voltage @ 85 c = 0.5 permissible voltage @25 c permissible voltage @ 125 c = 0.3 permissible voltage @25 c 100 10 1 0.1 0.1 1 frequenc y (khz) ripple voltage (vrms) 10 100 case: a, b 2 @ 25 c 35 v 25 v 20 v 16 v 10 v 100 10 1 0.1 0.1 1 frequenc y (khz) ripple voltage (vrms) 10 100 case: c, d 2 @ 25 c 35 v 25 v 20 v 16 v 10 v
16 sv/h series 4. reverse voltage because the capacitors are polarized, reverse voltage should not be applied. if reverse voltage cannot be avoided because of circuit design, the voltage application should be for a very short time and should not exceed the following. 10% max. of rated dc working voltage @25 c 5% max. of rated dc working voltage @85 c 1% max. of rated dc working voltage @125 c 5. mounting (1) direct soldering keep in mind the following points when soldering the capacitor by means of jet soldering or dip soldering: (a) temporarily fixing resin because the sv/h series solid tantalum capacitors are larger in size and subject to more force than the chip multilayer ceramic capacitors or chip resistors, more resin is required to temporarily secure the solid tantalum capacitors. however, if too much resin is used, the resin adhering to the patterns on a printed circuit board may adversely affect the solderability. (b) pattern design aca b case a b c a 2.9 1.7 1.2 b2 3.0 2.8 1.6 c 4.1 2.3 2.4 d2 5.4 2.9 2.4 the above dimensions are for reference only. if the capacitor is to be mounted by this method, and if the pattern is too small, the solderability may be degraded. (c) temperature and time keep the peak temperature and time to within the following values: solder temperature ............ 260 c max. time ................................. 10 seconds max. whenever possible, perform preheating (at 150 c max.) for smooth temperature profile. to maintain the reliability, mount the capacitor at a low temperature and in a short time whenever possible. (d) component layout if many types of chip components are mounted on a printed circuit board which is to be soldered by means of jet soldering, solderability may not be uniform over the entire board depending on the layout and density of the components on the board (also take into consideration generation of flux gas).
17 sv/h series (e) flux use resin-based flux. do not use flux with strong acidity. (2) reflow soldering keep in mind the following points when soldering the capacitor in a soldering oven or with a hot plate: (a) pattern design aca b case a b c a 1.6 1.7 1.2 b2 1.6 2.8 1.6 c 2.4 2.3 2.4 d2 2.4 2.9 2.4 the above dimensions are for reference only. note that if the pattern is too big, the component may not be mounted in place. (b) temperature and time keep the peak temperature and time to within the following values: solder temperature .............. 260 c max. time: 10 seconds max. whenever possible, perform preheating (at 150 c max.) for smooth temperature profile. to maintain the reliability, mount the capacitor at a low temperature and in a short time whenever possible. the peak temperature and time shown above are applicable when the capacitor is to be soldered in a soldering over or with a hot plate. when the capacitor is soldered by means of infrared reflow soldering, the internal temperature of the capacitor may rise beyond the surface temperature. (3) using soldering iron when soldering the capacitor with a soldering iron, controlling the temperature at the tip of the soldering iron is very difficult. however, it is recommended that the following temperature and time be observed to maintain the reliability of the capacitor: iron temperature ......... 300 c max. time ........................... 3 seconds max. iron power .................. 30 w max.
18 sv/h series 6. cleaning generally, several organic solvents are used for flux cleaning of an electronic component after soldering. many cleaning methods, such as immersion cleaning, rinse cleaning, brush cleaning, shower cleaning, vapor cleaning, and ultrasonic cleaning, are available, and one of these cleaning methods may be used alone or two or more may be used in combination. the temperature of the organic solvent may vary from room temperature to several 10 c, depending on the desired effect. if cleaning is carried out with emphasis placed only on cleaning effect, however, the marking on the electronic component cleaned may be erased, the appearance of the component may be damaged, and in the worst case, the component may be functionally damaged. it is therefore recommended that the r series solid tantalum capacitor be cleaned under the following conditions: [recommended conditions of flux cleaning] (1) cleaning solvent ......... chlorosen, isopropyl alcohol (2) cleaning method ......... shower cleaning, rinse cleaning, vapor cleaning (3) cleaning time .............. 5 minutes max. *ultrasonic cleaning this cleaning method is extremely effective for eliminating dust that has been generated as a result of mechanical processes, but may pose a problem depending on the condition. as a result of an experiment conducted by nec, it was confirmed that the external terminals of the capacitor were cut when it was cleaned with some ultrasonic cleaning machines. the cause of this phenomenon is considered metal fatigue of the capacitor terminals that occurred due to ultrasonic cleaning. to prevent the terminal from being cut, decreasing the output power of the ultrasonic cleaning machine or shortening the cleaning time may be a possible solution. however, it is difficult to specify the safe cleaning conditions because there are many factors involved such as the conversion efficiency of the ultrasonic oscillator, transfer efficiency of the cleaning bath, difference in cleaning effect depending on the location in the cleaning bath, the size and quantity of the printed circuit boards to be cleaned, and the securing states of the components on the boards. it is therefore recommended that ultrasonic cleaning be avoided as much as possible. if ultrasonic cleaning is essential, make sure through experiments that no abnormality occur as a result of the cleaning. for further information, consult nec.
19 sv/h series 7. others (1) do not apply excessive vibration and shock to the capacitor. (2) the solderability of the capacitor may be degraded by humidity. store the capacitor at (C5 to +40 c) room temperature and (40 to 60% rh) humidity. (3) exercise care that no external force is applied to the tape packaged products (if the packaging material is deformed, the capacitor may not be automatically mounted by a chip mounted).
sv/h series no part of this document may be copied or reproduced in any form or by any means without the prior written consent of nec corporation. nec corporation assumes no responsibility for any errors which may appear in this document. nec corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. no license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of nec corporation or others. while nec corporation has been making continuous effort to enhance the reliability of its electronic components, the possibility of defects cannot be eliminated entirely. to minimize risks of damage or injury to persons or property arising from a defect in an nec electronic component, customers must incorporate sufficient safety measures in its design, such as redundancy, fire- containment, and anti-failure features. nec devices are classified into the following three quality grades: "standard," "special," and "specific". the specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. the recommended applications of a device depend on its quality grade, as indicated below. customers must check the quality grade of each device before using it in a particular application. standard: computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots special: transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti- disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) specific: aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. the quality grade of nec devices is "standard" unless otherwise specified in nec's data sheets or data books. if customers intend to use nec devices for applications other than those specified for standard quality grade, they should contact an nec sales representative in advance. (note) (1) "nec" as used in this statement means nec corporation and also includes its majority- owned subsidiaries. (2) "nec electronic component products" means any electronic component product developed or manufactured by or for nec (as defined above). de0202


▲Up To Search▲   

 
Price & Availability of SVHD21V475M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X